|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APM9945K Dual N-Channel Enhancement Mode MOSFET Features * 60V/3A, RDS(ON) =100m(typ.) @ VGS = 10V RDS(ON) =120m(typ.) @ VGS = 4.5V Pin Description D1 D1 D2 D2 * * * Super High Dense Cell Design Reliable and Rugged Lead Free Available (RoHS Compliant) S1 G1 S2 G2 SOP - 8 (7 ) D1 (8 ) D1 (5 ) D2 (6 ) D2 Applications * Power Management in Desktop or DC/DC Converters (2 ) G1 (4 ) G2 S1 (1 ) S2 (3 ) N-Channel MOSFET Ordering and Marking Information APM 9945 Lead Free Code Handling Code Tem p. Range Package Code Package Code K : SOP-8 Operating Junction Tem p. Range C : -55 to 150C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Dev ice Blank : Original Dev ice XXXXX - Date Code APM 9945 K : APM 9945 XXXXX Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature. ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 1 www.anpec.com.tw APM9945K Absolute Maximum Ratings Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA* Note: *Surface Mounted on 1in pad area, t 10sec. 2 (TA = 25C unless otherwise noted) Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Power Dissipation for Single Operation Thermal Resistance-Junction to Ambient TA=25C TA=100C VGS=10V Rating 60 20 3 20 3 150 -55 to 150 2 0.8 62.5 Unit V A A C W C/W Electrical Characteristics Symbol Parameter (TA = 25C unless otherwise noted) Test Condition APM9945K Min. Typ. Max. Unit Static Characteristics BVDSS Drain-Source Breakdown Voltage IDSS VGS(th) IGSS RDS(ON) VSD a a VGS=0V, IDS=250A VDS=48V, VGS=0V VDS=VGS, IDS=250A VGS=20V, VDS=0V VGS=10V, IDS=3A VGS=4.5V, IDS=2A ISD=3A, VGS=0V VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=25V, Frequency=1.0MHz 60 1 1 2 100 120 0.8 3 100 135 160 1.3 V A V nA m V pF Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance Diode Forward Voltage b Dynamic Characteristics RG Gate Resistance Ciss Coss Crss td(ON) Tr td(OFF) Tf 3.4 390 75 20 8 18 20 40 20 9 20 8 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time VDD=15V, RL=10, IDS=1A, VGEN=10V, RG=6 ns Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 2 www.anpec.com.tw APM9945K Electrical Characteristics (Cont.) Symbol Parameter b (TA = 25C unless otherwise noted) APM9945K Min. Typ. Max. Test Condition Unit Gate Charge Characteristics Qg Qgs Qgd Total Gate Charge 20 VDS=15V, VGS=10V, IDS=3A 5 5 26 nC Gate-Source Charge Gate-Drain Charge Notes: a : Pulse test ; pulse width 300s, duty cycle 2%. b : Guaranteed by design, not subject to production testing. Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 3 www.anpec.com.tw APM9945K Typical Characteristics Power Dissipation 2.5 4 Drain Current 2.0 1.5 ID - Drain Current (A) 3 Ptot - Power (W) 2 1.0 1 0.5 0.0 0 0 20 40 60 80 100 120 140 160 0 20 40 60 80 100 120 140 160 Tj - Junction Temperature (C) Tj - Junction Temperature (C) Safe Operation Area Normalized Transient Thermal Resistance 50 2 1 Thermal Transient Impedance Duty = 0.5 0.2 0.1 ID - Drain Current (A) on )L im 10 s( it 300s 1ms Rd 0.1 0.05 0.02 0.01 1 10ms 100ms 1s 0.1 0.01 Single Pulse Mounted on 1in pad o RJA : 62.5 C/W 2 DC TA=25 C 0.01 0.01 0.1 o 1 10 100 1E-3 1E-4 1E-3 0.01 0.1 1 10 30 VDS - Drain - Source Voltage (V) Square Wave Pulse Duration (sec) Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 4 www.anpec.com.tw APM9945K Typical Characteristics (Cont.) Output Characteristics 20 VGS= 6,7,8,9,10V 18 5V 0.18 16 0.20 Drain-Source On Resistance RDS(ON) - On - Resistance () 0.16 0.14 0.12 0.10 0.08 0.06 0.04 VGS=4.5V ID - Drain Current (A) 14 12 10 8 6 4 2 3V 0 0 2 4 6 8 10 4V VGS=10V 0.02 0 2 4 6 8 10 VDS - Drain-Source Voltage (V) ID - Drain Current (A) Transfer Characteristics 20 18 16 1.6 1.4 1.2 1.0 0.8 0.6 0.4 2 0 0 1 2 3 4 5 6 7 Gate Threshold Voltage IDS =250A ID - Drain Current (A) 14 12 10 8 6 4 Tj=25 C o Tj=125 C o Tj=-55 C o Normalized Threshold Voltage 0.2 -50 -25 0 25 50 75 100 125 150 VGS - Gate - Source Voltage (V) Tj - Junction Temperature (C) Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 5 www.anpec.com.tw APM9945K Typical Characteristics (Cont.) Drain-Source On Resistance 2.0 VGS = 10V 1.8 IDS = 3A 10 20 Source-Drain Diode Forward Normalized On Resistance 1.6 IS - Source Current (A) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -50 -25 RON@Tj=25 C: 100m 0 25 50 75 100 125 150 o Tj=150 C o 1 Tj=25 C o 0.1 0.0 0.4 0.8 1.2 1.6 Tj - Junction Temperature (C) VSD - Source - Drain Voltage (V) Capacitance 600 Frequency=1MHz 500 10 VDS= 15 V ID = 3A Gate Charge VGS - Gate - source Voltage (V) 30 8 C - Capacitance (pF) 400 Ciss 6 300 4 200 Coss Crss 0 0 5 10 15 20 25 100 2 0 0 5 10 15 20 25 VDS - Drain - Source Voltage (V) QG - Gate Charge (nC) Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 6 www.anpec.com.tw APM9945K Packaging Information SOP-8 pin ( Reference JEDEC Registration MS-012) E H e1 D e2 A1 A 1 L 0.004max. Dim A A1 D E H L e1 e2 1 Mi ll im et er s Min. 1. 35 0. 10 4. 80 3. 80 5. 80 0. 40 0. 33 1. 27B S C 8 Max . 1. 75 0. 25 5. 00 4. 00 6. 20 1. 27 0. 51 Min. 0. 053 0. 004 0. 189 0. 150 0. 228 0. 016 0. 013 0.015X45 Inche s Max . 0. 069 0. 010 0. 197 0. 157 0. 244 0. 050 0. 020 0. 50B S C 8 Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 7 www.anpec.com.tw APM9945K Physical Specifications Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3. Reflow Condition TP (IR/Convection or VPR Reflow) tp C ritical Zone T L to T P R am p-up T e m p e ra tu re TL T sm ax tL T sm in R am p-down ts Preheat 25 t 25 C to Peak T im e Classificatin Reflow Profiles Profile Feature Sn-Pb Eutectic Assembly Large Body Small Body Pb-Free Assembly Large Body Small Body 3C/second max. 150C 200C 60-180 seconds 3C/second max 217C 60-150 seconds 245 +0/-5C 250 +0/-5C 10-30 seconds 20-40 seconds Average ramp-up rate 3C/second max. (TL to TP) Preheat - Temperature Min (Tsmin) 100C - Temperature Mix (Tsmax) 150C - Time (min to max)(ts) 60-120 seconds Tsmax to TL - Ramp-up Rate Tsmax to TL - Temperature(TL) 183C - Time (tL) 60-150 seconds Peak Temperature(Tp) 225 +0/-5C 240 +0/-5C Time within 5C of actual Peak 10-30 seconds 10-30 seconds Temperature(tp) Ramp-down Rate 6C/second max. 6 minutes max. Time 25C to Peak Temperature Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 8 6C/second max. 8 minutes max. www.anpec.com.tw Note: All temperatures refer to topside of the package. Measured on the body surface. APM9945K Reliability Test Program Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles Carrier Tape & Reel Dimensions t E Po P P1 D F W Bo Ao D1 T2 Ko J C A B T1 Application A 3301 B 62 1.5 C 12.75 + 0.1 5 J 2 + 0.5 T1 12.4 +0.2 T2 2 0.2 W 12 + 0.3 - 0.1 Bo 5.2 0.1 P 8 0.1 E 1.75 0.1 SOP-8 F D D1 Po P1 Ao 5.5 0.1 1.550.1 1.55+ 0.25 4.0 0.1 2.0 0.1 6.4 0.1 Ko t 2.1 0.1 0.30.013 (mm) Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 9 www.anpec.com.tw APM9945K Cover Tape Dimensions Application SOP- 8 Carrier Width 12 Cover Tape Width 9.3 Devices Per Reel 2500 Customer Service Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369 Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 10 www.anpec.com.tw |
Price & Availability of APM9945K |